Part Number Hot Search : 
MF524300 PD3503N 14073B S13N50 MC3306 00DT1 S0400 PE3321LF
Product Description
Full Text Search
 

To Download APD-128G032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APD-128G032
Vishay Dale
Plasma Display Modules
128 x 32 Graphics Display with Drive Electronics and TTL Level Data Interface
FEATURES
* TTL level video interface. * Large characters. * Highly visible for long distance viewing. * > 30:1 contrast ratio. * Bright and pleasant neon orange color. * Slim profile. * Very affordable. The APD-128G032 DC plasma display offers viewing qualities designers seek such as high contrast, viewing angle of 150 minimum and long distance readability. Its bright (50 foot Lambert minimum) with characters and graphics figures presented in a pleasing neon orange color against a black background. Plasma is much more readable and eye-pleasing than liquid crystal or vacuum fluorescent displays and is filterable to red, amber or neutral density. These plasma display panels are driven in a standard row-column refresh method much like a CRT display. The designer need only supply TTL level signals for SERIAL DATA, DOT CLOCK, COLUMN LATCH, ROW DATA, ROW CLOCK and DISPLAY ENABLE. The SERIAL DATA is entered with the DOT CLOCK up to frequencies as high as 8mHz. After a row of 128 pixels is clocked in, the COLUMN LATCH signal is toggled and the data is latched. At the time the data is latched, the display is briefly disabled using the DISPLAY ENABLE signal, then the row pointer is advanced with the ROW CLOCK signal. Once each frame the ROW DATA must be asserted to synchronize the column serial data with the beginning row. The recommended scanning frequency is approximately 70Hz, but may be as high as 200Hz. The high clock rate on the data clock allows for rapid refresh and maximum access time to the refresh ram.
ELECTRICAL SPECIFICATIONS
Voltage (s) Required: + 75 VDC, Vsp. - 110 VDC, Vsn. + 5 VDC, Vcc. + 12 VDC (- 98 VDC), Vrw. (12 VDC to be referenced to - 110 VDC.) Power Required: Typical = 12 watts. Maximum = 45 watts.
DIMENSIONS in inches [millimeters]
OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8mm] W x 3.15" [80.01mm] L. Character Array: 8 x 8: 16 x 4. 6 x 8: 21 x 4. Character Size: 0.65" [16.51mm] H x 0.45" [11.43mm] W. Pixel Size: 0.050" [1.27mm]. Pixel Pitch: 0.100" [2.54mm]. Luminance: 50 foot lamberts.
Mounting Holes 0.150 [3.81] Dia. 6 Places 4.625 [117.48] 2.463 [62.56]
14.5 [368.3]
7.4 [187.96]
0.150 [3.81] 4.075 3.15 [103.50] 4.925 [80.01] [125.10]
STANDARD ELECTRICAL SPECIFICATIONS*
DESCRIPTION Logic Supply Anode Supply Cathode Supply Cathode Control** Total Vsp and Vsn Logic 1 Input Logic 0 Input SYMBOL Vcc Vsp Vsn Vrw Vtot Vih Vil MIN. + 4.5 -- -- 170 2.0 -- TYP. + 5.0 + 75 - 110 185 -- -- MAX. + 5.5 + 80.0 - 125 + 15.0 205 -- 0.8 UNITS VDC VDC VDC VDC VDC VDC VDC
Pin #1 of P1 0.150 [3.81]
7.25 [184.15] 12.75 [323.85] 13.775 [349.88] 14.80 [375.92]
0.487 [12.37] 1.025 [26.035] 0.888 [22.56]
+ 10.8 + 12.0
Pin #1 of P2
0.395 [10.033] 0.062 [1.575] PCB Thickness
*Recommended operating voltages . All maximums are absolute maximum. **Vrw is referenced to Vsn.
ORDERING INFORMATION
DESCRIPTION PART NUMBER Display, Driver Electronics and TTL Interface ............................................................................................................................ APD-128G032 Data Connector Kit ............................................................................................................................................................................ 280105-05 Power Connector Kit .......................................................................................................................................................................... 280108-12
www.vishay.com 2
Document Number: 37006 Revision 16-Nov-00


▲Up To Search▲   

 
Price & Availability of APD-128G032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X